Part Number Hot Search : 
PCF12 ES3207 15KPA45A CEM4936 C3602EF G25PP IMP1817 2SC13
Product Description
Full Text Search
 

To Download 84XR5KLFTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 84
1/4" Square Multiturn Surface Mount Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Slider Current, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Turns, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 1Meg 10% 200 Vdc or rms not to exceed power rating 100mA or within rated power, whichever is less 0.25 at 85C derating to 0 at 150C 2 Ohms 12 900 Vrms 1,000 Megohms Essentially infinite 1% or 1 Ohms, whichever is greater
Seal Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat Temperature Exposure, Maximum
MECHANICAL
85C Fluorinert(R) (No Leaks) 100ppm/C (<100 Ohms = 250ppm/C) -65C to +150C 5 cycles, -65C to +150C (1% RT, 1% VR) Ten 24 hour cycles (1% RT, IR 100 Megohms Min.) 100G's (1% RT, 1% VR) 20G's, 10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 150C (2% RT, 2% VR) 200 cycles (3% RT) 1,000 hours at 85C (2% RT) 260C for 10 sec. (1% RT) 215C for 3 min. (1% RT)
Mechanical Stops Torque, Starting Maximum Weight, Nominal
Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice.
Clutch action, both ends 3 oz.-in. (0.021 N-m) .014 oz. (.40 grams)
1-73
Model 84
TOP ADJUSTMENT (Inch/mm)
SIDE ADJUSTMENT (Inch/mm)
Model 84W
.050 .010 1.27 0.25 .040 .010 1.02 0.25 .170 .015 4.32 0.38 C L .250 .020 6.35 0.51 .040 .015 1.02 0.38 Metal Adjustment Screw .070 .005 With 1.78 0.13 .020 Min. Wide x 0.51 .020 Min. Depth 0.51
Model 84X
Standard Marking On This Surface
~
Standard Marking On This Surface
.040 .010 1.02 0.25
~
(1) (2) (3) 3x .040 .015 1.02 0.38
.050 .010 1.27 0.25
(1) .295 .015 7.49 0.38 3x .005 Min. 0.13
(2)
(3)
.040 .015 1.02 0.38 .100 2.54 .100 2.54 C L Recommended PCB Layout - Models 84W and 84X
Terminal Pins: Solderable .018 .002 3x 0.46 .051
3x Housing: Molded Plastic .100 2.54 .100 2.54 C L
.070 .015 1.78 0.38
3x
.040 .015 1.02 0.38 (2) 3x (3) .110 .015 2.80 0.38
.295 .005 7.49 0.13
(1)
Note: Model 84W dimensions applicable to all models except as noted.
.100 .100 2.54 2.54
SIDE ADJUSTMENT (Inch/mm)
Model 84P
Recommend PCB Layout - Model 84P Standard Marking On This Surface 3x .105 .015 2.67 0.38 .100 2.54 C L (1) (1) (1) (2) (3) 3x .250 .020 6.35 0.51 .040 .015 1.02 0.38 .100 2.54 .100 2.54 (2) 3x .040 .015 1.02 0.38 .100 2.54 (3) 3x .125 .015 3.18 0.38
.040 .010 1.02 0.25
.210 .015 5.33 0.38
(2)
(3)
~
.375 .015 9.53 0.13
1-74
Model 84
STANDARD RESISTANCE VALUES, OHMS
10 20 50
PACKAGING
100 200 500
1K 2K 5K
10K 20K 25K
50K 100K 200K
250K 500K 1Meg
1
Standard: Tubes All units oriented with #1 pin to same side. Pin Style Width Height Length Capacity Option: P 0.47"(11.93mm) 0.32"(8.13mm) 14.5"(368mm) 50 Units W/X 0.37"(9.39mm) 0.47"(11.93mm) 14.5"(368mm) 16.5"(429mm) 50 Units
Magazine
= = = =
Embossed Tape & Reel (84P & 84W only) All units oriented with #1 pin to the right of the direction of feed. Pin Style Width Sprocket Capacity Diameter = = = = = P 16 mm 4 mm pitch 500 Units 13" (330 mm) W/X 24mm 4mm pitch 400 Units 13" (330mm)
Tape
Reel
ORDERING INFORMATION
Standard: Model Series Pin Style Resistance Prefix
84 P R 10K LF TR Packaging Option: TR = Tape & Reel (No code used for tubes) RoHS Compliant Product Code - Optional Resistance Value
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
(2) (1) CW (3)
INCH mm
1-75
Model 84


▲Up To Search▲   

 
Price & Availability of 84XR5KLFTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X